Part Number Hot Search : 
24ACR 7C1462A HD74H LVC2G24 MA3D652 MMSZ524 KA3843AM RX5VT46A
Product Description
Full Text Search
 

To Download 2SK1592 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  1.80 +0.1 -0.1 4.50 +0.1 -0.1 2.50 +0.1 -0.1 0.80 +0.1 -0.1 4.00 +0.1 -0.1 0.53 +0.1 -0.1 0.48 +0.1 -0.1 1.50 +0.1 -0.1 0.44 +0.1 -0.1 2.60 +0.1 -0.1 0.40 +0.1 -0.1 3.00 +0.1 -0.1 sot-89 unit: mm 1. base 2. collector 3. emiitter 1. source 2. drain 3. gate 1 2 3 1gate 2drain 3source 2SK1592 features directly driven by ics having a 5v power supply. has low on-state resistance. r ds(on) =2.5 max.@v gs =4.0v,i d =0.3a r ds(on) =2.0 max.@v gs =10v,i d =0.3a absolute maximum ratings ta = 25 parameter symbol rating unit drain to source voltage v dss 60 v gate to source voltage v gss 20 v drain current (dc) i d 500 ma drain current(pulse) * i d 1.0 a power dissipation p d 2.0 w channel temperature t ch 150 storage temperature t stg -55to+150 *pw 10ms, duty cycle 5% electrical characteristics ta = 25 parameter symbol testconditons min typ max unit drain cut-off current i dss v ds =60v,v gs =0 1.0 a gate leakage current i gss v gs = 20v,v ds =0 1.0 a gate to source cutoff voltage v gs(off) v ds =10v,i d =1ma 0.8 1.2 2.0 v forward transfer admittance y fs v ds =10v,i d =0.5a 400 570 ms v gs =4.0v,i d =0.3a 1.6 2.5 v gs =10v,i d =0.3a 1.2 2.0 input capacitance c iss 52 pf output capacitance c oss 34 pf reverse transfer capacitance c rss 7pf turn-on delay time t d(on) 60 ns rise time t r 150 ns turn-off delay time t d(off) 150 ns fall time t f 100 ns v ds =10v,v gs =0,f=1mhz i d =0.3a,v gs(on) =4v,r l =33 ,v dd =10v,r g =10 drain to source on-state resistance r ds(on) marking marking no smd type smd type product specification 4008-318-123 sales@twtysemi.com 1 of 1 http://www.twtysemi.com


▲Up To Search▲   

 
Price & Availability of 2SK1592

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X